PART |
Description |
Maker |
IDT79R3081-20J IDT79R3081-33 IDT79R3081-25 IDT79RV |
RISController with FPA 32-BIT, 20 MHz, RISC PROCESSOR, PQFP100 5-Pin MFP High Speed Transistor Output Optocoupler; Package: Full Pitch MFP; No of Pins: 5; Container: Tape & Reel RISController与FPA 5-Pin MFP High Speed Transistor Output Optocoupler; Package: Full Pitch MFP; No of Pins: 5; Container: Tape & Reel 32-BIT, 40 MHz, RISC PROCESSOR, PQCC84 RISController with FPA 32-BIT, 33.33 MHz, RISC PROCESSOR, PQFP100 5-Pin MFP High Speed Transistor Output Optocoupler RISController与FPA RISController with FPA 32-BIT, 33.33 MHz, RISC PROCESSOR, CQFP84 RISController with FPA 32-BIT, 25 MHz, RISC PROCESSOR, PQFP100 RISController with FPA 32-BIT, 25 MHz, RISC PROCESSOR, CQFP84 RISController with FPA 32-BIT, 33.33 MHz, RISC PROCESSOR, PQCC84 RISController with FPA 32-BIT, 40 MHz, RISC PROCESSOR, PQCC84 RISController with FPA RISController与FPA 4-pin Full Pitch MFP 250V Random Phase Triac Driver Output Optocoupler Voltage Tracker Linear Voltage Regulators for Automotive Applications; Package: PG-SOT223-4; Regulator Type: single output; Output Voltage: 5V; Accuracy: 2.0 %; Max. Output Current: 100mA; Dropout Voltage: 250mV 600V Random Phase Triac Driver 5mA; ; No of Pins: 4; Container: Tape & Reel 600V Random Phase Triac Driver 5mA; Package: Full Pitch MPF; No of Pins: 4; Container: Box 4-pin Full Pitch MFP 600V Random Phase Triac Driver Output Optocoupler; ; No of Pins: 4; Container: Box
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
FODM3083 FODM3083R2 FODM3063 FODM3062R2V |
800V 5mA Zero Crossing Triac, MFP; Package: Full Pitch MFP; No of Pins: 4; Container: Box 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 800V 5mA Zero Crossing Triac, MFP; Package: Full Pitch MFP; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 600V 5mA Zero Crossing Triac, MFP; Package: Full Pitch MFP; No of Pins: 4; Container: Box 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
FODM305105 FODM3053 FODM3051 FODM3052 FODM3053R3 F |
4-pin Full Pitch MFP 600V Random Phase Triac Driver Output Optocoupler; ; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HMHAA28006 HMHAA280 HMHA281 HMHA2801R1VNL |
4-Pin Half Pitch MFP Phototransistor Output Optocoupler 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER Half Pitch Mini-Flat Package 4-Pin Optocouplers
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FODM301109 FODM3023R2V FODM3022R2 FODM3012R FODM30 |
4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers 4-pin Full Pitch MFP 400V Random Phase Triac Driver Output Optocoupler; ; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 400V Random Phase Triac Driver 10mA; ; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
Fairchild Semiconductor, Corp.
|
HMA121A HMA121B HMA121C |
FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS SCHEMATIC
|
Fairchild Semiconductor
|
FODM121 |
(FODM12x / FODM27xx) 4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
|
Fairchild Semiconductor
|
M37530T-PTCB |
Converter for Connecting 40-pin Narrow-pitch Connector to 32-pin 0.8mm-pitch LQFP (for 7531, 7532, 7534, 7540, 7542 and 7544 Groups)
|
Renesas Electronics Corporation
|
M3T-80LCC-QSD |
Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.5mm-pitch QFP
|
Renesas Electronics Corporation
|
SEAL100FP |
Sealed Conversion Board for Converting from 100-pin 0.65mm-pitch QFP (100P6S-A) or LCC (100D0) to 100-pin Standard Pitch
|
Renesas Electronics Corporation
|
B32686A7154 B32686A0683 B32686A0474 B32686A7334 B3 |
Metallized Polypropylene Film Capacitors (MFP)
|
EPCOS
|